Part Number Hot Search : 
53120 P202K UPG2009 AK8855 UF30M T04CO 1212S NSC5136D
Product Description
Full Text Search
 

To Download IRF360 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc website www.iscsemi.cn isc & iscsemi is registered trademark 1 isc n-channel mosfet transistor irf 360 description silicon gate for fast switching at elevate rugged applications suited for applications such as switching power supplies,motor controls ,inverters, choppers,audio amplifiers and high energy pulse circuits. absolute maximum ratings(t a =25 ) symbol arameter value unit v dss drain-source voltage (v gs =0) 400 v v gs gate-source voltage 20 v i d drain current-continuous@ tc=25 25 a p tot total dissipation@tc=25 300 w t j max. operating junction temperature -55~150 t stg storage temperature range -55~150 thermal characteristics symbol parameter max unit r th j-c thermal resistance,junction to case 0.42 /w r th j-a thermal resistance,junction to ambient 30 /w pdf pdffactory pro www.fineprint.cn
inchange semiconductor isc product specification isc website www.iscsemi.cn isc & iscsemi is registered trademark 2 isc n-channel mosfet transistor irf 360 electrical characteristics (t c =25 ) symbol parameter conditions min type max unit v (br)dss drain-source breakdown voltage v gs =0; i d =0.25ma 400 v v gs(th) gate threshold voltage v ds = v gs ; i d =250 a 2 4 v r ds(on) drain-source on-stage resistance v gs =10v; i d =14a 0.2 i gss gate source leakage current v gs = 20v;v ds =0 100 na i dss zero gate voltage drain current v ds =400v; v gs =0 250 ua v sd diode forward voltage i f =25a; v gs =0 1.8 v ciss input capacitance v ds =25v; v gs =0v; f t =1mhz 4000 pf crss reverse transfer capacitance 550 coss output capacitance 97 pdf pdffactory pro www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of IRF360

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X